Part Number Hot Search : 
LT1137CS CY6213 MAX6909 CA3338MZ 25ETT 20N50 LR2004L TA2057N
Product Description
Full Text Search
 

To Download 285D07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 285D
Vishay Sprague
Tantalum-Cased-Tantalum Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C
FEATURES
* High ripple current capability * Extended temperature range * Very low impedances over wide frequency ranges Type 285D capacitors are commercial replacements for Military Style M39006/01,02, 03, 04, 16, 17 and are designed to meet the performance requirements of Military Specification MIL-C-39006. Internal cells are M39006/22 and 25 PERFORMANCE CHARACTERISTICS Operating Temperature: - 55 C to + 85 C (To + 125 C with voltage derating) Capacitance Tolerance: At 120 Hz, + 25 C. 20 % standard, 10 %, 5 % available as special DC Leakage Current (DCL Max.): At + 25 C, + 85 C, + 125 C: Leakage current shall not exceed the values listed in the Standard Ratings Tables Life Test: Capacitors are capable of withstanding a 2000 h life test at a temperature of + 85 C or + 125 C at the applicable DC working voltage. Following the life test: 1.DCL shall not exceed the initial requirement. 2. Dissipation Factor shall meet the initial requirement. 3. Change in capacitance shall not exceed 10 % from the initial measurement. For capacitors with voltage ratings of 15 WVDC and below, change in capacitance shall not exceed + 10 %, - 25 % from the initial measurement. * Long history of reliable operation
ORDERING INFORMATION
285D MODEL 126 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 20 % 250 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating B CASE CODE See Ratings and Case Codes Table 0 STYLE NUMBER 0 = No outer tube 2 = Outer polyester-film insulation PACKAGING The use of formed plastic trays for packaging this type of axial lead components is standard. Tape and reel is not recommended because of the unit weight and size
DIMENSIONS in inches [millimeters]
Case Material: Aluminum Case Neutral 2.30 Max. L 2.30 Max.
D 0.025 0.002 Dia. (2 Places) Internal Weld Internal Weld Marking Area
CASE CODE A B C D E F G H www.vishay.com 114 D 0.010 0.385 0.385 0.385 0.385 0.478 0.478 0.478 0.478
BARE CASE L 0.062 1.850 2.250 2.700 3.000 1.950 2.380 3.060 3.500
WITH INSULATION SLEEVE D (MAX.) L 0.406 0.406 0.406 (Sleeve will extend over 0.406 both ends of the case) 0.500 0.500 0.500 0.500 Document Number: 40028 Revision: 07-Nov-07
For technical questions, contact: tantalum@vishay.com
285D
Tantalum-Cased-Tantalum Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C
POLAR CAPACITORS
DC LEAKAGE (A) CAPACITANCE (F) CASE CODE Z CAPACITANCE CHANGE (%) DF RIPPLE CURRENT (1)
Vishay Sprague
25 C
85 C
125 C
- 55 C
25 C
85 C
125 C
(%)
mA
150 V 85 C WVDC . . . 100 WVDC at + 125 C 55 B 2 10 10 48 - 35 6 10 10 1650
200 V 85 C WVDC . . . 135 WVDC at + 125 C 1.5 2.3 11 21 43 A A B F G 1 1 1 2 9 2 2 9 17 36 2 2 9 17 36 1420 995 200 140 60 - 16 - 16 - 16 - 20 - 25 7 7 8 8 15 8 8 8 8 15 3 3 8 8.5 10 400 565 970 1335 1800
250 V 85 C WVDC . . . 165 WVDC at + 125 C 1.8 3.4 13 23 41 A B B F G 1 3 5 10 12 2 12 24 40 48 2 12 24 40 48 1200 600 180 100 64 - 16 - 14 - 18 - 26 - 30 7 10 12 14 15 8 12 15 16 17 3 6 7.2 8 17.4 520 700 1200 1500 1900
300 V 85 C WVDC . . . 200 WVDC at + 125 C 1 13 14 C D H 1 5 2 2 24 17 2 24 17 2130 240 210 - 16 - 20 - 20 7 12 8 8 15 8 2.8 10 8.5 400 1300 1335
NON-POLAR CAPACITORS
DC LEAKAGE (A) CAPACITANCE (F) CASE CODE Z CAPACITANCE CHANGE (%) DF RIPPLE CURRENT (1)
25 C
85 C
125 C
- 55 C
25 C
85 C
125 C
(%)
mA
6 WVDC at 85 C . . . 4 WVDC at + 125 C 410 B 3 14 14 36 - 88 16 20 155 1500
15 WVDC at 85 C . . . 10 WVDC at + 125 C 410 F 6 24 24 44 - 77 20 25 3.6 1800
25 WVDC at 85 C . . . 15 WVDC at + 125 C 34 135 A B 2 3 9 16 9 16 180 66 - 40 - 62 12 13 15 16 22 55 850 1400
30 WVDC at 85 C . . . 20 WVDC at + 125 C 58 235 Note
(1)
A B
1 2
5 10
5 10
60 30
- 38 - 65
8 10
12 18
12 30
1200 1800
Ripple current is at 40 kHz and is govern by the Ripple Current Multipliers associated with Mil-PRF-39006/22 and Mil-PRF-39006/25. All capacitance, DF and Z measurements are based on 120 Hz frequency and equivalent series circuit measuring equipment settings. Other ratings are available. Contact factory with inquiry.
Document Number: 40028 Revision: 07-Nov-07
For technical questions, contact: tantalum@vishay.com
www.vishay.com 115
285D
Vishay Sprague
Tantalum-Cased-Tantalum Sintered Anode TANTALEX(R) Capacitors for Operation to + 125 C
NON-POLAR CAPACITORS
DC LEAKAGE (A) CAPACITANCE (F) CASE CODE Z CAPACITANCE CHANGE (%) DF RIPPLE CURRENT (1)
25 C
85 C
125 C
- 55 C
25 C
85 C
125 C
(%)
mA
50 WVDC at 85 C . . . 30 WVDC at + 125 C 34 60 235 340 A B F G 1 4 3 5 5 24 25 40 5 24 25 40 66 98 20 16 - 25 - 42 - 45 - 58 8 12 8 10 15 15 15 20 7.6 23 31 35 1050 1200 2100 2750
75 WVDC at 85 C . . . 50 WVDC at + 125 C 11 41 55 A B G 3 4 9 12 24 36 12 24 36 314 126 58 - 19 - 30 - 35 10 12 20 12 15 20 8.5 15.2 12 600 1000 1850
100 WVDC at 85 C . . . 65 WVDC at + 125 C 5 11 15 A B F 3 1 2 12 9 12 12 9 12 400 200 160 - 35 - 16 - 16 16 8 8 20 8 8 4.5 7.5 7 800 965 1240
125 WVDC at 85 C . . . 87 WVDC at + 125 C 1.8 7 23.5 28 A B F G 1 1 10 10 2 7 40 40 2 7 40 40 1200 334 100 64 - 16 - 16 - 26 - 25 7 7 14 15 8 8 16 15 2.7 6 7.9 6.5 520 860 1200 1800
150 WVDC at 85 C . . . 100 WVDC at + 125 C 8.3 E 1 5 5 264 - 25 5 9 10 1050
200 WVDC at 85 C . . . 150 WVDC at + 125 C 1.2 E 1 2 2 2260 - 16 7 8 3 600
250 WVDC at 85 C . . . 165 WVDC at + 125 C 1.7 Note
(1)
E
3
12
12
1200
- 14
10
12
6
700
Ripple current is at 40 kHz and is govern by the Ripple Current Multipliers associated with Mil-PRF-39006/22 and Mil-PRF-39006/25. All capacitance, DF and Z measurements are based on 120 Hz frequency and equivalent series circuit measuring equipment settings. Other ratings are available. Contact factory with inquiry.
www.vishay.com 116
For technical questions, contact: tantalum@vishay.com
Document Number: 40028 Revision: 07-Nov-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 285D07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X